|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74F175 Quad D-Type Flip-Flop April 1988 Revised July 1999 74F175 Quad D-Type Flip-Flop General Description The 74F175 is a high-speed quad D-type flip-flop. The device is useful for general flip-flop requirements where clock and clear inputs are common. The information on the D inputs is stored during the LOW-to-HIGH clock transition. Both true and complemented outputs of each flip-flop are provided. A Master Reset input resets all flip-flops, independent of the Clock or D inputs, LOW. Features s Edge-triggered D-type inputs s Buffered positive edge-triggered clock s Asynchronous common reset s True and complement output Ordering Code: Order Number 74F175SC 74F175SJ 74F175PC Package Number M16A M16D N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Logic Symbols IEEE/IEC Connection Diagram (c) 1999 Fairchild Semiconductor Corporation DS009490 www.fairchildsemi.com 74F175 Unit Loading/Fan Out U.L. Pin Names D0-D3 CP MR Q0-Q3 Q0-Q3 Data Inputs Clock Pulse Input (Active Rising Edge) Master Reset Input (Active LOW) True Outputs Complement Outputs Description HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 50/33.3 50/33.3 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA -1 mA/20 mA -1 mA/20 mA Functional Description The 74F175 consists of four edge-triggered D-type flipflops with individual D inputs and Q and Q outputs. The Clock and Master Reset are common. The four flip-flops will store the state of their individual D inputs on the LOWto-HIGH clock (CP) transition, causing individual Q and Q outputs to follow. A LOW input on the Master Reset (MR) will force all Q outputs LOW and Q outputs HIGH independent of Clock or Data inputs. The 74F175 is useful for general logic applications where a common Master Reset and Clock are acceptable. Truth Table Inputs MR L H H CP Dn X H L Outputs Qn L H L Qn H L H H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial = LOW-to-HIGH Clock Transition X Logic Diagram Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays. www.fairchildsemi.com 2 74F175 Absolute Maximum Ratings(Note 1) Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) twice the rated IOL (mA) -0.5V to VCC -0.5V to +5.5V -65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA Recommended Operating Conditions Free Air Ambient Temperature Supply Voltage 0C to +70C +4.5V to +5.5V Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Symbol VIH VIL VCD VOH VOL IIH IBVI ICEX VID IOD IIL IOS ICC Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Short-Circuit Current Power Supply Current -60 22.5 4.75 3.75 -0.6 -150 34.0 10% VCC 5% VCC 10% VCC 2.5 2.7 0.5 5.0 7.0 50 Min 2.0 0.8 -1.2 Typ Max Units V V V V V A A A V A mA mA mA Min Min Min Max Max Max 0.0 0.0 Max Max Max VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -1 mA IOL = 20 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A All Other Pins Grounded VIOD = 150 mV All Other Pins Grounded VIN = 0.5V VOUT = 0V CP = Dn = MR = HIGH 3 www.fairchildsemi.com 74F175 AC Electrical Characteristics TA = +25C Symbol Parameter Min fMAX tPLH tPHL tPHL tPLH Maximum Clock Frequency Propagation Delay CP to Qn or Qn Propagation Delay MR to Qn Propagation Delay MR to Qn 100 4.0 4.0 4.5 VCC = +5.0V CL = 50 pF Typ 140 5.0 6.5 9.0 6.5 8.5 11.5 Max TA = -55C to +125C VCC = +5.0V CL = 50 pF Min 80 3.5 4.0 4.5 8.5 10.5 15.0 Max TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 100 4.0 4.0 4.5 7.5 9.5 13.0 Max MHz ns Units ns 4.0 6.5 8.0 4.0 10.0 4.0 9.0 ns AC Operating Requirements TA = +25C Symbol Parameter VCC = +5.0V Min tS(H) tS(L) tH(H) tH(L) tW(H) tW(L) tW(L) tREC Setup Time, HIGH or LOW Dn to CP Hold Time, HIGH or LOW Dn to CP CP Pulse Width HIGH or LOW MR Pulse Width, LOW Recovery Time, MR to CP 3.0 3.0 1.0 1.0 4.0 5.0 5.0 5.0 Max TA = -55C to +125C VCC = +5.0V Min 3.0 3.0 1.0 2.0 4.0 5.0 5.0 5.0 Max TA = 0C to +70C VCC = +5.0V Min 3.0 3.0 1.0 1.0 4.0 5.0 5.0 5.0 ns ns ns ns Max Units www.fairchildsemi.com 4 74F175 Physical Dimensions inches (millimeters) unless otherwise noted 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A 16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M16D 5 www.fairchildsemi.com 74F175 Quad D-Type Flip-Flop Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com |
Price & Availability of 74F175 |